10 base-t isolation transformer ? complies with or exceeds ieee 802.3 base-t requirements ? EPE6380S e l e c t r o n i c s i n c . cse6380s rev. - 12/19/01 tel: (818) 892-0761 fax: (818) 894-5791 http://www.pca.com pca electronics, inc. 16799 schoenborn st. north hills, ca 91343 schematic dimensions a b c d e f g h i (j) k l m n p q dim. min. .500 .280 .200 --- .015 --- .375 .022 --- --- 8 .045 --- --- --- --- max. .490 .270 .190 .350 .012 .050 .365 .019 .010 .070 4 .035 .025 .050 .075 .420 nom. (inches) (m illimeters) 12.19 6.60 4.57 --- .254 --- 9.02 .406 --- --- 0 .635 --- --- --- --- min. 12.70 7.11 5.08 --- .381 --- 9.53 .559 --- --- 8 1.14 --- --- --- --- max. 12.95 6.86 4.85 8.89 .305 1.27 9.27 4.83 .254 1.78 4 .889 .762 1.27 1.91 10.67 nom. .480 .260 .180 --- .010 --- .355 .016 --- --- 0 .025 --- --- --- --- package b a pca EPE6380S date code pin 1 i.d. d (j) h f e c p pad layout q m n g l i k product performance is limited to specified parameters. data is subject to chan g e without prior notice. electrical parameters @ 25 c primary ocl ( h min.) @ 100 khz, 100m vrms 15 interwinding capacitance (pf max.) @ 100 khz, 100m vrms 0.4 leakage inductance (h max.) @ 100 khz, 100m vrms 2000 hipot (vrms) 0.5 dcr ( ? max.) 200 pins 1 to 3 35 pins 6 to 8 1 2 3 6 7 8 1ct : 1ct 1ct:2.5ct 9 10 11 14 15 16 pri. sec.
|